Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74LCX244 Fiches technique (PDF) - ON Semiconductor

MC74LCX244 Datasheet PDF - ON Semiconductor
No de pièce MC74LCX244
Télécharger  MC74LCX244 Télécharger

Taille du fichier   152.96 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW-VOLTAGE CMOS OCTAL BUFFER

MC74LCX244 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC74LCX244 Datasheet PDF - ON Semiconductor

No de pièce MC74LCX244
Télécharger  MC74LCX244 Click to download

Taille du fichier   152.96 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW-VOLTAGE CMOS OCTAL BUFFER

MC74LCX244 Fiches technique (HTML) - ON Semiconductor

MC74LCX244 Datasheet HTML 1Page - ON Semiconductor MC74LCX244 Datasheet HTML 2Page - ON Semiconductor MC74LCX244 Datasheet HTML 3Page - ON Semiconductor MC74LCX244 Datasheet HTML 4Page - ON Semiconductor MC74LCX244 Datasheet HTML 5Page - ON Semiconductor MC74LCX244 Datasheet HTML 6Page - ON Semiconductor MC74LCX244 Datasheet HTML 7Page - ON Semiconductor MC74LCX244 Datasheet HTML 8Page - ON Semiconductor

MC74LCX244 Détails du produit

Low-Voltage CMOS Octal Buffer
With 5 V–Tolerant Inputs and Outputs (3–State, Non–Inverting)
   
The MC74LCX244 is a high performance, non–inverting octal buffer operating from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX244 inputs to be safely driven from 5 V devices. The MC74LCX244 is suitable for memory address driving and all TTL level bus oriented transceiver applications.
   
• Designed for 2.3 to 3.6 V VCC Operation
• 5 V Tolerant — Interface Capability With 5 V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10 µA)
    Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance: Human Body Model >2000 V; Machine Model
    >200 V
   




Numéro de pièce similaire - MC74LCX244

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74LCX244 MOTOROLA-MC74LCX244 Datasheet
152Kb / 8P
   Low-Voltage CMOS Octal Buffer With 5V-Tolerant Inputs and Outputs(3-State, Non-Inverting)
logo
ON Semiconductor
MC74LCX244 ONSEMI-MC74LCX244 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX244 ONSEMI-MC74LCX244 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
MC74LCX244 ONSEMI-MC74LCX244 Datasheet
112Kb / 10P
   Low-Voltage CMOS Octal Buffer
October, 2017 ??Rev. 20
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
More results


Description similaire - MC74LCX244

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com