Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0732510033
|
40Kb / 1P |
50 Ohms, SMA Plug, Solder, RG-402 (.141) Cable, Stainless Steel Body with 0.76關m Gold Plating, 0.76關m Gold Plating on Contact, Bag
|
0732510034
|
40Kb / 1P |
50 Ohms, SMA Plug, Solder, RG-402 (.141) Cable, Stainless Steel Body with 0.20關m Gold Plating, 0.20關m Gold Plating on Contact, Tray
|
0732510033
|
49Kb / 1P |
50 Ohms, SMA Plug, Solder, RG-402 (.141) Cable, Stainless Steel Body with 0.76m Gold Plating
|
0732510031
|
49Kb / 1P |
50 Ohms, SMA Plug, Solder, RG-402 (.141) Cable, Stainless Steel Body with 0.25m Gold Plating,
|
0732510034
|
49Kb / 1P |
50 Ohms, SMA Plug, Solder, RG-402 (.141) Cable, Stainless Steel Body with 0.20m
|
0732510071
|
60Kb / 1P |
50 Ohms, SMA Right-Angle Plug, RG-402 (.141) Cable, Solder Type, Body Stainless Steel, Gold Plated
|
0734152251
|
56Kb / 1P |
50 Ohms, MMCX Plug, 0.25關m Gold (Au) Plating, Crimp, 1.13mm Cable, Bag
|
0732510551
|
60Kb / 1P |
50 Ohms, SMA Right-Angle Plug, RG-402 (.141) Cable, Solder, Brass Body, Gold Plated
|
0732512440
|
59Kb / 1P |
50 Ohms, SMA Jack, Edge Mount, 0.76關m Gold Center Contact Plating
|
0734152103
|
30Kb / 1P |
50 Ohms, MMCX Plug, Solder, RG-405 (.086) Cable, 0.76關m Gold (Au) Plated Contact, 0.76關m Gold (Au) Plated Body and Ring, 100 Pieces Per Bag
|