Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

06035J5R6BS Fiches technique (PDF) - NXP Semiconductors

06035J5R6BS Datasheet PDF - NXP Semiconductors
No de pièce 06035J5R6BS
Télécharger  06035J5R6BS Télécharger

Taille du fichier   456.37 Kbytes
Page   20 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

06035J5R6BS Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
06035J5R6BS Datasheet PDF - NXP Semiconductors

No de pièce 06035J5R6BS
Télécharger  06035J5R6BS Click to download

Taille du fichier   456.37 Kbytes
Page   20 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

06035J5R6BS Fiches technique (HTML) - NXP Semiconductors

Back Button 06035J5R6BS Datasheet HTML 1Page - NXP Semiconductors 06035J5R6BS Datasheet HTML 2Page - NXP Semiconductors 06035J5R6BS Datasheet HTML 3Page - NXP Semiconductors 06035J5R6BS Datasheet HTML 4Page - NXP Semiconductors 06035J5R6BS Datasheet HTML 5Page - NXP Semiconductors 06035J5R6BS Datasheet HTML 6Page - NXP Semiconductors 06035J5R6BS Datasheet HTML 7Page - NXP Semiconductors 06035J5R6BS Datasheet HTML 8Page - NXP Semiconductors 06035J5R6BS Datasheet HTML 9Page - NXP Semiconductors 06035J5R6BS Datasheet HTML 10Page - NXP Semiconductors Next Button 

06035J5R6BS Détails du produit

Heterojunction Bipolar Transistor Technology (InGaP HBT)
Broadband High Linearity Amplifier

The MMG3005NT1 is a general purpose amplifier that is internally prematched and designed for a broad range of Class A, small--signal, high linearity, general purpose applications. It is suitable for applications with frequencies from 800 to 2200 MHz such as cellular, PCS, WLL, PHS, VHF, UHF, UMTS and general small--signal RF.

Features
• Frequency: 800--2200 MHz
• P1dB: 30 dBm @ 2140 MHz
• Small--Signal Gain: 15 dB @ 2140 MHz
• Third Order Output Intercept Point: 47 dBm @ 2140 MHz
• Single 5 V Supply
• Internally Prematched to 50 Ohms
• In Tape and Reel. T1 Suffix = 1,000 Units, 16 mm Tape Width, 13--inch Reel.




Numéro de pièce similaire - 06035J5R6BS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
06035J5R6BS NXP-06035J5R6BS Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
06035J5R6BS NXP-06035J5R6BS Datasheet
181Kb / 9P
   Gallium Arsenide CATV Integrated Amplifier Module
Rev. 8, 3/2007
More results


Description similaire - 06035J5R6BS

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results




À propos de NXP Semiconductors


NXP Semiconductors est une société multinationale cotée en bourse qui conçoit, développe et fabrique un large éventail de semi-conducteurs et de circuits intégrés pour diverses applications, y compris les marchés automobiles, industriels, de communications et de consommation.

La société a été fondée en 2006 et a son siège à Eindhoven, aux Pays-Bas.

NXP propose un large portefeuille de produits, notamment des microcontrôleurs, des microprocesseurs, des circuits intégrés d'authentification sécurisés, des ICS de gestion de l'alimentation, des composants RF et des micro-ondes et des solutions de capteurs, entre autres.

Les produits de l'entreprise sont conçus pour être économes en énergie, sécurisés et fiables, et sont utilisés dans une variété d'applications, y compris les systèmes automobiles, l'automatisation et le contrôle industriels, les maisons et les bâtiments intelligents et les appareils connectés.

NXP est dédié à l'innovation et à la satisfaction des clients, et s'engage à fournir à ses clients les meilleures solutions semi-conductrices pour répondre à leurs besoins.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com