Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X40031V14I-A Fiches technique (PDF) - Intersil Corporation

X40031V14I-A Datasheet PDF - Intersil Corporation
No de pièce X40031V14I-A
Télécharger  X40031V14I-A Télécharger

Taille du fichier   322.56 Kbytes
Page   21 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Voltage Monitor with Intergrated CPU Supervisor

X40031V14I-A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
X40031V14I-A Datasheet PDF - Intersil Corporation

No de pièce X40031V14I-A
Télécharger  X40031V14I-A Click to download

Taille du fichier   322.56 Kbytes
Page   21 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Voltage Monitor with Intergrated CPU Supervisor

X40031V14I-A Fiches technique (HTML) - Intersil Corporation

Back Button X40031V14I-A Datasheet HTML 1Page - Intersil Corporation X40031V14I-A Datasheet HTML 2Page - Intersil Corporation X40031V14I-A Datasheet HTML 3Page - Intersil Corporation X40031V14I-A Datasheet HTML 4Page - Intersil Corporation X40031V14I-A Datasheet HTML 5Page - Intersil Corporation X40031V14I-A Datasheet HTML 6Page - Intersil Corporation X40031V14I-A Datasheet HTML 7Page - Intersil Corporation X40031V14I-A Datasheet HTML 8Page - Intersil Corporation X40031V14I-A Datasheet HTML 9Page - Intersil Corporation X40031V14I-A Datasheet HTML 10Page - Intersil Corporation Next Button 

X40031V14I-A Détails du produit

The X40030, X40031, X40034, X40035 combine power-on reset control, watchdog timer, supply voltage supervision, second and third voltage supervision, and manual reset, in one package. This combination lowers system cost, reduces board space requirements, and increases reliability.



Features

• Triple voltage detection and reset assertion

   - Standard reset threshold settings; see Table 1 on page 5.

   - Adjust low voltage reset threshold voltages using special programming sequence

   - Reset signal valid to VCC = 1V

   - Monitor three separate voltages

• Fault detection register

• Selectable power-on reset time-out (0.05s, 0.2s, 0.4s, 0.8s)

• Selectable watchdog timer interval (25ms, 200ms, 1.4s or off)

• Debounced manual reset input

• Low power CMOS

   - 25µA typical standby current, watchdog on

   - 6µA typical standby current, watchdog off

• 400kHz 2-wire interface

• 2.7V to 5.5V power supply operation

• Available in 14 Ld SOIC and 14 Ld TSSOP packages

• Monitor voltages: 5V to 0.9V

• Independent core voltage monitor

• Pb-free available (RoHS compliant)



Applications

• Communication equipment

   - Routers, hubs, switches

   - Disk arrays, network storage

• Industrial systems

   - Process control

   - Intelligent instrumentation

• Computer systems

   - Computers

   - Network servers



 




Numéro de pièce similaire - X40031V14I-A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X40031V14I-A INTERSIL-X40031V14I-A Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40031V14I-A RENESAS-X40031V14I-A Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results


Description similaire - X40031V14I-A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com