Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100E451 Fiches technique (PDF) - ON Semiconductor

MC100E451 Datasheet PDF - ON Semiconductor
No de pièce MC100E451
Télécharger  MC100E451 Télécharger

Taille du fichier   112.88 Kbytes
Page   4 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK

MC100E451 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC100E451 Datasheet PDF - ON Semiconductor

No de pièce MC100E451
Télécharger  MC100E451 Click to download

Taille du fichier   112.88 Kbytes
Page   4 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK

MC100E451 Fiches technique (HTML) - ON Semiconductor

MC100E451 Datasheet HTML 1Page - ON Semiconductor MC100E451 Datasheet HTML 2Page - ON Semiconductor MC100E451 Datasheet HTML 3Page - ON Semiconductor MC100E451 Datasheet HTML 4Page - ON Semiconductor

MC100E451 Détails du produit

Description
The MC10E/100E451 contains six D−type flip−flops with single−ended outputs and differential data inputs. The common clock input is also differential. The registers are triggered by a positive transition of the positive clock (CLK) input.
   
Features
• Differential Inputs: Data and Clock
• VBB Output
• 1100 MHz Min. Toggle Frequency
• Asynchronous Master Reset
• PECL Mode Operating Range:
    VCC = 4.2 V to 5.7 V with VEE = 0 V
• NECL Mode Operating Range:
    VCC = 0 V with VEE = −4.2 V to −5.7 V
• Internal Input 50 kΩ Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV,
                             Machine Model; > 200 V
• Transistor Count = 348 devices
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC
    Latchup Test
• Flammability Rating: UL 94 V−0 @ 0.125 in,
    Oxygen Index: 28 to 34   
• Moisture Sensitivity Level:
        Pb = 1;
        Pb−Free = 3
    For Additional Information, see Application Note
    AND8003/D
• Pb−Free Packages are Available*
   




Numéro de pièce similaire - MC100E451

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100E451 ONSEMI-MC100E451 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC100E451FN ONSEMI-MC100E451FN Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC100E451FNG ONSEMI-MC100E451FNG Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC100E451FNG ONSEMI-MC100E451FNG Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC100E451FNR2 ONSEMI-MC100E451FNR2 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
More results


Description similaire - MC100E451

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
logo
Micrel Semiconductor
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
Semtech Corporation
SK10E151PJ SEMTECH-SK10E151PJ Datasheet
116Kb / 5P
   6-bit D register
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com