Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E1651 Fiches technique (PDF) - ON Semiconductor

MC10E1651 Datasheet PDF - ON Semiconductor
No de pièce MC10E1651
Télécharger  MC10E1651 Télécharger

Taille du fichier   133.54 Kbytes
Page   7 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL ECL OUTPUT COMPARATOR WITH LATCH

MC10E1651 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC10E1651 Datasheet PDF - ON Semiconductor

No de pièce MC10E1651
Télécharger  MC10E1651 Click to download

Taille du fichier   133.54 Kbytes
Page   7 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL ECL OUTPUT COMPARATOR WITH LATCH

MC10E1651 Fiches technique (HTML) - ON Semiconductor

MC10E1651 Datasheet HTML 1Page - ON Semiconductor MC10E1651 Datasheet HTML 2Page - ON Semiconductor MC10E1651 Datasheet HTML 3Page - ON Semiconductor MC10E1651 Datasheet HTML 4Page - ON Semiconductor MC10E1651 Datasheet HTML 5Page - ON Semiconductor MC10E1651 Datasheet HTML 6Page - ON Semiconductor MC10E1651 Datasheet HTML 7Page - ON Semiconductor

MC10E1651 Détails du produit

The MC10E1651 is fabricated using ON Semiconductor’s advanced MOSAIC III™ process. The MC10E1651 incorporates a fixed level of input hysteresis as well as output compatibility with 10 KH logic devices. In addition, a latch is available allowing a sample and hold function to be performed. The device is available in both a 16-pin DIP and a 20-pin surface mount package.
   
Features
• Typical 3.0 dB Bandwidth > 1.0 GHz
• Typical V to Q Propagation Delay of 775 ps
• Typical Output Rise/Fall of 350 ps
• Common Mode Range −2.0 V to +3.0 V
• Individual Latch Enables
• Differential Outputs
• 28 mV Input Hysteresis
• Operating Mode: VCC = 5.0 V, VEE = −5.2 V, GND = 0 V
• No Internal Input Pulldown Resistors
• ESD Protection: > 2 kV Human Body Model,
    > 100 V Machine Model
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in,
    Oxygen Index: 28 to 34
• Transistor Count = 85 devices
• Pb−Free Packages are Available*
   




Numéro de pièce similaire - MC10E1651

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651 ONSEMI-MC10E1651 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651FN ONSEMI-MC10E1651FN Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
More results


Description similaire - MC10E1651

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com