Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E143 Fiches technique (PDF) - ON Semiconductor

MC10E143 Datasheet PDF - ON Semiconductor
No de pièce MC10E143
Télécharger  MC10E143 Télécharger

Taille du fichier   108.12 Kbytes
Page   4 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 9-BIT HOLD REGISTER

MC10E143 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC10E143 Datasheet PDF - ON Semiconductor

No de pièce MC10E143
Télécharger  MC10E143 Click to download

Taille du fichier   108.12 Kbytes
Page   4 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 9-BIT HOLD REGISTER

MC10E143 Fiches technique (HTML) - ON Semiconductor

MC10E143 Datasheet HTML 1Page - ON Semiconductor MC10E143 Datasheet HTML 2Page - ON Semiconductor MC10E143 Datasheet HTML 3Page - ON Semiconductor MC10E143 Datasheet HTML 4Page - ON Semiconductor

MC10E143 Détails du produit

Description
The MC10E/100E143 is a 9-bit holding register, designed with byte-parity applications in mind. The E143 holds current data or loads new data, with the nine inputs D0 − D8 accepting parallel input data.
The SEL (Select) input pin is used to switch between the two modes of operation − HOLD and LOAD. Input data is accepted by the registers a set-up time before the positive going edge of CLK1 or CLK2. A HIGH on the Master Reset pin (MR) asynchronously resets all the registers to zero.
The 100 Series contains temperature compensation
   
Features
• 700 MHz Min. Operating Frequency
• 9-Bit for Byte-Parity Applications
• Asynchronous Master Reset
• Dual Clocks
• PECL Mode Operating Range: VCC= 4.2 V to 5.7 V
    with VEE= 0 V
• NECL Mode Operating Range: VCC= 0 V
    with VEE = −4.2 V to −5.7 V
• Internal Input 50 k Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV,
                             Machine Model; > 200 V
• Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level:
                        Pb = 1
                        Pb−Free = 3
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in,
    Oxygen Index: 28 to 34
• Transistor Count = 484 devices
• Pb−Free Packages are Available*
   




Numéro de pièce similaire - MC10E143

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143 Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E143 ONSEMI-MC10E143 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
MC10E143FN ONSEMI-MC10E143FN Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E143FNG ONSEMI-MC10E143FNG Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E143FNR2 ONSEMI-MC10E143FNR2 Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
More results


Description similaire - MC10E143

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E143 MICREL-SY10E143 Datasheet
72Kb / 4P
   9-BIT HOLD REGISTER
SY10E143 MICREL-SY10E143_06 Datasheet
62Kb / 4P
   9-BIT HOLD REGISTER
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143_06 Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
   9-BIT SHIFT REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com