Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E131 Fiches technique (PDF) - ON Semiconductor

MC10E131 Datasheet PDF - ON Semiconductor
No de pièce MC10E131
Télécharger  MC10E131 Télécharger

Taille du fichier   104.62 Kbytes
Page   4 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-BIT D FLIP-FLOP

MC10E131 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC10E131 Datasheet PDF - ON Semiconductor

No de pièce MC10E131
Télécharger  MC10E131 Click to download

Taille du fichier   104.62 Kbytes
Page   4 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-BIT D FLIP-FLOP

MC10E131 Fiches technique (HTML) - ON Semiconductor

MC10E131 Datasheet HTML 1Page - ON Semiconductor MC10E131 Datasheet HTML 2Page - ON Semiconductor MC10E131 Datasheet HTML 3Page - ON Semiconductor MC10E131 Datasheet HTML 4Page - ON Semiconductor

MC10E131 Détails du produit

Description
The MC10E/100E131 is a quad master-slave D-type flip-flop with differential outputs. Each flip-flop may be clocked separately by holding Common Clock (CC) LOW and using the Clock Enable (CE) inputs for clocking. Common clocking is achieved by holding the CE inputs LOW and using CC to clock all four flip-flops. In this case, the CE inputs perform the function of controlling the common clock, to each flip-flop.
   
Features
• 1100 MHz Min. Toggle Frequency
• Differential Outputs
• Individual and Common Clocks
• Individual Resets (asynchronous)
• Paired Sets (asynchronous)
• PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
    with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V
    with VEE = −4.2 V to −5.7 V
• Metastability Time Constant is 200 ps.
• Internal Input 50 k Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV,
                             Machine Model; > 200 V
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level:
            Pb = 1
            Pb−Free = 3
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in,
    Oxygen Index: 28 to 34
• Transistor Count = 240 devices
• Pb−Free Packages are Available*
   




Numéro de pièce similaire - MC10E131

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10E131FN ONSEMI-MC10E131FN Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10E131FNG ONSEMI-MC10E131FNG Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10E131FNG ONSEMI-MC10E131FNG Datasheet
161Kb / 8P
   5V ECL 4?륛it D Flip?륡lop
July, 2016 ??Rev. 12
MC10E131FNR2 ONSEMI-MC10E131FNR2 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
More results


Description similaire - MC10E131

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
   4-BIT D FLIP-FLOP
SY10E131 MICREL-SY10E131 Datasheet
74Kb / 4P
   4-BIT D FLIP-FLOP
logo
Arizona Microtek, Inc
AZ10E131 AZM-AZ10E131 Datasheet
76Kb / 6P
   ECL/PECL 4-bit D Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131_06 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
   8-Bit D Flip-Flop
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com