Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AWT921 Fiches technique (PDF) - ANADIGICS, Inc

AWT921 Datasheet PDF - ANADIGICS, Inc
No de pièce AWT921
Télécharger  AWT921 Télécharger

Taille du fichier   613.55 Kbytes
Page   12 Pages
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 900MHz Integrated Power Amp

AWT921 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AWT921 Datasheet PDF - ANADIGICS, Inc

No de pièce AWT921
Télécharger  AWT921 Click to download

Taille du fichier   613.55 Kbytes
Page   12 Pages
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 900MHz Integrated Power Amp

AWT921 Fiches technique (HTML) - ANADIGICS, Inc

Back Button AWT921 Datasheet HTML 1Page - ANADIGICS, Inc AWT921 Datasheet HTML 2Page - ANADIGICS, Inc AWT921 Datasheet HTML 3Page - ANADIGICS, Inc AWT921 Datasheet HTML 4Page - ANADIGICS, Inc AWT921 Datasheet HTML 5Page - ANADIGICS, Inc AWT921 Datasheet HTML 6Page - ANADIGICS, Inc AWT921 Datasheet HTML 7Page - ANADIGICS, Inc AWT921 Datasheet HTML 8Page - ANADIGICS, Inc AWT921 Datasheet HTML 9Page - ANADIGICS, Inc AWT921 Datasheet HTML 10Page - ANADIGICS, Inc Next Button 

AWT921 Détails du produit

PRODUCT DESCRIPTION
The AWT921 is a monolithic amplifier for use in communication systems that require high gain and output intercept point. This device has been specifically designed for multi-carrier and micro-cell base station applications. This device is manufactured on a high power MESFET process and has an on-chip bias circuit that does not require highly regulated positive and negative supplies to establish the proper operating point.

FEATURES
• High Power Levels
• High Efficiency
• True Surface Mount Package With Integrated Heat Slug
• Internal Bias Circuit Requiring Nominal Input Voltages +10%
• Low Cost
• Off Chip Output Matching Circuit Allows Application Optimization

APPLICATIONS
• Base Station Driver Amplifier
• u-Cell Base Station Output Stage
• Cellular Booster Amplifier




Numéro de pièce similaire - AWT921

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT921S11 ANADIGICS-AWT921S11 Datasheet
335Kb / 5P
   Integrated High Power Amp 900 MHz
More results


Description similaire - AWT921

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
logo
Texas Instruments
LMH6609 TI1-LMH6609 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6609 900MHz Voltage Feedback Op Amp
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
logo
RF Micro Devices
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
   3V 900MHz LINEAR POWER AMPLIFIER
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
   900Mhz low Power Mixer
logo
RF Micro Devices
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
   3V 900MHz LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER
logo
Soshin electric Co., Lt...
ARP-482000E SOSHIN-ARP-482000E Datasheet
21Kb / 1P
   900MHz Band Chip Power Divider
More results




À propos de ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com