Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GR8324N Fiches technique (PDF) - Grenergy Opto, lnc.

GR8324N Datasheet PDF - Grenergy Opto, lnc.
No de pièce GR8324N
Télécharger  GR8324N Télécharger

Taille du fichier   758.93 Kbytes
Page   12 Pages
Fabricant  GRENERGY [Grenergy Opto, lnc.]
Site Internet  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.
Description 4-Channel Supervisor IC for Power Supply

GR8324N Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
GR8324N Datasheet PDF - Grenergy Opto, lnc.

No de pièce GR8324N
Télécharger  GR8324N Click to download

Taille du fichier   758.93 Kbytes
Page   12 Pages
Fabricant  GRENERGY [Grenergy Opto, lnc.]
Site Internet  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.
Description 4-Channel Supervisor IC for Power Supply

GR8324N Fiches technique (HTML) - Grenergy Opto, lnc.

Back Button GR8324N Datasheet HTML 1Page - Grenergy Opto, lnc. GR8324N Datasheet HTML 2Page - Grenergy Opto, lnc. GR8324N Datasheet HTML 3Page - Grenergy Opto, lnc. GR8324N Datasheet HTML 4Page - Grenergy Opto, lnc. GR8324N Datasheet HTML 5Page - Grenergy Opto, lnc. GR8324N Datasheet HTML 6Page - Grenergy Opto, lnc. GR8324N Datasheet HTML 7Page - Grenergy Opto, lnc. GR8324N Datasheet HTML 8Page - Grenergy Opto, lnc. GR8324N Datasheet HTML 9Page - Grenergy Opto, lnc. GR8324N Datasheet HTML 10Page - Grenergy Opto, lnc. Next Button 

GR8324N Détails du produit

Description
The GR8324N is designed to monitor the outputs of
switching power supply and generates the power
good signal to inform the system. It provides
over-voltage protection, under-voltage protection,
over-current protection, and power good signal
generating. The over-voltage protection (OVP) and
under-voltage protection (UVP) monitor 3.3V, 5V
and two 12V to protect the power supply and system.
Over-current protection (OCP) monitors IS33, IS5,
IS12A, IS12B input current sense. An adjustable
over-current trip point composed of Iref and a setting
resistor help users design the OCP easily. The
power-good feature issues a power-good signal
when the output is ready; therefore, the GR8324N
provides a reliable power supply environment for the
system.

Features
 Over-voltage protection and lockout for 3.3V, 5V, and two 12V power supplies
 Under-voltage protection and lockout for 3.3V, 5V, and two 12V power supplies
 Over-current protection and lockout for 3.3V, 5V and two 12V power supplies
 Open drain output for PGO and FPO/ pins
 300mS power good delay
 75mS delay for under-voltage and over-current protection
 38mS for PSON/ de-bounce
 73uS width noise de-glitches
 Wide power supply voltage range
 Special care for AC power off
 Programmable protection circuit
 Brown-in auto recovery

Applications
 PC power supply
 LCD TV power supply




Numéro de pièce similaire - GR8324N

FabricantNo de pièceFiches techniqueDescription
logo
Grenergy Opto, lnc.
GR8323N GRENERGY-GR8323N Datasheet
758Kb / 12P
   4-Channel Supervisor IC for Power Supply with OCP & OTP Protections
GR8323NJG GRENERGY-GR8323NJG Datasheet
758Kb / 12P
   4-Channel Supervisor IC for Power Supply with OCP & OTP Protections
GR8323NKG GRENERGY-GR8323NKG Datasheet
758Kb / 12P
   4-Channel Supervisor IC for Power Supply with OCP & OTP Protections
GR8329N GRENERGY-GR8329N Datasheet
932Kb / 11P
   4-Channel Supervisor IC for Power Supply
GR8329NJG GRENERGY-GR8329NJG Datasheet
932Kb / 11P
   4-Channel Supervisor IC for Power Supply
More results


Description similaire - GR8324N

FabricantNo de pièceFiches techniqueDescription
logo
Grenergy Opto, lnc.
GR8329N GRENERGY-GR8329N Datasheet
932Kb / 11P
   4-Channel Supervisor IC for Power Supply
GR8313 GRENERGY-GR8313 Datasheet
729Kb / 10P
   3-Channel Supervisor IC for Power Supply
GR8323N GRENERGY-GR8323N Datasheet
758Kb / 12P
   4-Channel Supervisor IC for Power Supply with OCP & OTP Protections
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Anpec Electronics Corop...
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5510 TI-TPS5510 Datasheet
91Kb / 6P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Anpec Electronics Corop...
APW1683 ANPEC-APW1683 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
logo
ON Semiconductor
CAT811 ONSEMI-CAT811_15 Datasheet
78Kb / 9P
   4-Pin Microprocessor Power Supply Supervisor
July, 2015 ??Rev. 3
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com