Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TE0116A Fiches technique (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TE0116A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
No de pièce TE0116A
Télécharger  TE0116A Télécharger

Taille du fichier   175.23 Kbytes
Page   6 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Dual SAW Resonator 433.92/390MHz

TE0116A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TE0116A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TE0116A
Télécharger  TE0116A Click to download

Taille du fichier   175.23 Kbytes
Page   6 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Dual SAW Resonator 433.92/390MHz

TE0116A Fiches technique (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TE0116A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TE0116A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TE0116A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TE0116A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TE0116A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TE0116A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.



Numéro de pièce similaire - TE0116A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TE0111A TAI-SAW-TE0111A Datasheet
468Kb / 11P
   SAW Filter 860.5plus938 MHz
TE0113A TAI-SAW-TE0113A Datasheet
349Kb / 10P
   Dual SAW Filter 360 / 380 MHz
TE0114A TAI-SAW-TE0114A Datasheet
319Kb / 10P
   Dual SAW Filter 460 / 420 MHz
logo
Golledge Electronics Lt...
TE0114A GOLLEDGE-TE0114A Datasheet
137Kb / 9P
   SAW Filter 460.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TE0115A TAI-SAW-TE0115A Datasheet
221Kb / 11P
   Dual SAW Filter 390 / 420 MHz
More results


Description similaire - TE0116A

FabricantNo de pièceFiches techniqueDescription
logo
RF Monolithics, Inc
RO2101E-2 RFM-RO2101E-2 Datasheet
100Kb / 2P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3101 MURATA-RO3101 Datasheet
141Kb / 2P
   433.92 MHz SAW Resonator
RO3101A-11 MURATA-RO3101A-11 Datasheet
392Kb / 2P
   433.92 MHz SAW Resonator
RO3101C-11 MURATA-RO3101C-11 Datasheet
435Kb / 2P
   433.92 MHz SAW Resonator
RO3101E MURATA-RO3101E Datasheet
390Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0219E TAI-SAW-TC0219E Datasheet
402Kb / 6P
   SAW Resonator 433.92 MHz
TC0170AB TAI-SAW-TC0170AB Datasheet
390Kb / 5P
   SAW Resonator 433.92 MHz
logo
List of Unclassifed Man...
FR0433M92-TE11 ETC-FR0433M92-TE11 Datasheet
87Kb / 3P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1308 MURATA-RP1308_15 Datasheet
254Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC433EDC TAI-SAW-TC433EDC Datasheet
228Kb / 5P
   SAW Resonator 433.92 MHz
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com