Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TB1203A Fiches technique (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB1203A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
No de pièce TB1203A
Télécharger  TB1203A Télécharger

Taille du fichier   210.27 Kbytes
Page   7 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 63.5MHz 6MHz BW (SMD 7.0횞5.0mm)

TB1203A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TB1203A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TB1203A
Télécharger  TB1203A Click to download

Taille du fichier   210.27 Kbytes
Page   7 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 63.5MHz 6MHz BW (SMD 7.0횞5.0mm)

TB1203A Fiches technique (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TB1203A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1203A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1203A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1203A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1203A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1203A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1203A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Numéro de pièce similaire - TB1203A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TB1200A GOLLEDGE-TB1200A Datasheet
159Kb / 6P
   SAW Filter 161.86250MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB1200A TAI-SAW-TB1200A Datasheet
215Kb / 7P
   SAW Filter 161.8625MHz 0.3MHz BW (SMD 7횞5 mm)
TB1201A TAI-SAW-TB1201A Datasheet
208Kb / 7P
   SAW Filter 69.5MHz 6MHz BW (SMD 7.0횞5.0mm)
logo
Golledge Electronics Lt...
TB1202A GOLLEDGE-TB1202A Datasheet
187Kb / 6P
   SAW Filter 118.30MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB1202A TAI-SAW-TB1202A Datasheet
223Kb / 8P
   SAW Filter 118.3MHz (SMD 13.3횞6.5 mm)
More results


Description similaire - TB1203A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1201A TAI-SAW-TB1201A Datasheet
208Kb / 7P
   SAW Filter 69.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1245A TAI-SAW-TB1245A Datasheet
136Kb / 5P
   SAW Filter 63.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
TB1279A TAI-SAW-TB1279A Datasheet
345Kb / 7P
   SAW Filter 205MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1285A TAI-SAW-TB1285A Datasheet
323Kb / 8P
   SAW Filter 184.32MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1290A TAI-SAW-TB1290A Datasheet
318Kb / 7P
   SAW Filter 332MHz 24MHz BW (SMD 7.0횞5.0mm)
TB1240A TAI-SAW-TB1240A Datasheet
342Kb / 7P
   SAW Filter 260MHz 60MHz BW (SMD 7.0횞5.0mm)
TB1198A TAI-SAW-TB1198A Datasheet
172Kb / 7P
   SAW Filter 156.525MHz 25kHz BW (SMD 7.0횞5.0mm)
TB1278A TAI-SAW-TB1278A Datasheet
345Kb / 7P
   SAW Filter 170MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1263A TAI-SAW-TB1263A Datasheet
334Kb / 7P
   SAW Filter 112MHz 1.0MHz BW (SMD 7.0횞5.0mm)
TB1270A TAI-SAW-TB1270A Datasheet
325Kb / 7P
   SAW Filter 176MHz 60MHz BW (SMD 7.0횞5.0mm)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com