Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TB0194B Fiches technique (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB0194B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
No de pièce TB0194B
Télécharger  TB0194B Télécharger

Taille du fichier   381.82 Kbytes
Page   7 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Low Loss 70 MHz SAW Filter (SMD 13.3횞6.5 mm)7

TB0194B Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TB0194B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TB0194B
Télécharger  TB0194B Click to download

Taille du fichier   381.82 Kbytes
Page   7 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Low Loss 70 MHz SAW Filter (SMD 13.3횞6.5 mm)7

TB0194B Fiches technique (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TB0194B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0194B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0194B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0194B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0194B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0194B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0194B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Numéro de pièce similaire - TB0194B

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0194A TAI-SAW-TB0194A Datasheet
422Kb / 4P
   Low Loss 70MHz SAW IF Filter (BW=5MHz)
TB0194A TAI-SAW-TB0194A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TB0194A GOLLEDGE-TB0194A Datasheet
104Kb / 3P
   SAW Filter 70.0MHz
More results


Description similaire - TB0194B

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0211A TAI-SAW-TB0211A Datasheet
489Kb / 5P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0214B TAI-SAW-TB0214B Datasheet
378Kb / 7P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0195B TAI-SAW-TB0195B Datasheet
395Kb / 7P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0212A TAI-SAW-TB0212A Datasheet
556Kb / 5P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB1027A TAI-SAW-TB1027A Datasheet
326Kb / 6P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0202A TAI-SAW-TB0202A Datasheet
364Kb / 6P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB1028A TAI-SAW-TB1028A Datasheet
333Kb / 6P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0202B TAI-SAW-TB0202B Datasheet
388Kb / 7P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0225A TAI-SAW-TB0225A Datasheet
632Kb / 6P
   70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0203B TAI-SAW-TB0203B Datasheet
367Kb / 9P
   Low-Loss 140 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com