Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1218E Fiches technique (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1218E Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
No de pièce TA1218E
Télécharger  TA1218E Télécharger

Taille du fichier   452.03 Kbytes
Page   9 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2436MHz SMD 1.4X1.1 mm (BW=72MHz)

TA1218E Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TA1218E Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1218E
Télécharger  TA1218E Click to download

Taille du fichier   452.03 Kbytes
Page   9 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2436MHz SMD 1.4X1.1 mm (BW=72MHz)

TA1218E Fiches technique (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1218E Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1218E Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1218E Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1218E Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1218E Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1218E Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1218E Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1218E Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1218E Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.



Numéro de pièce similaire - TA1218E

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1218 TOSHIBA-TA1218 Datasheet
637Kb / 40P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218A TAI-SAW-TA1218A Datasheet
162Kb / 8P
   SAW Filter 2436MHz
TA1218A TAI-SAW-TA1218A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1218A GOLLEDGE-TA1218A Datasheet
231Kb / 6P
   SAW Filter 2436.0MHz
logo
Toshiba Semiconductor
TA1218ANG TOSHIBA-TA1218ANG Datasheet
985Kb / 40P
   Audio/Video Switching IC for TVs
More results


Description similaire - TA1218E

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2663A TAI-SAW-TA2663A Datasheet
650Kb / 8P
   SAW Filter 1202 MHz SMD 1.4X1.1 mm (BW=72MHz)
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA0935A TAI-SAW-TA0935A Datasheet
150Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1294A TAI-SAW-TA1294A Datasheet
164Kb / 8P
   SAW Filter 915MHz SMD 1.4X1.1 mm (BW=26MHz)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com