Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0700D Fiches technique (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA0700D Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
No de pièce TA0700D
Télécharger  TA0700D Télécharger

Taille du fichier   385.32 Kbytes
Page   7 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2250 MHz

TA0700D Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TA0700D Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0700D
Télécharger  TA0700D Click to download

Taille du fichier   385.32 Kbytes
Page   7 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2250 MHz

TA0700D Fiches technique (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA0700D Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0700D Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0700D Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0700D Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0700D Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0700D Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0700D Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Numéro de pièce similaire - TA0700D

FabricantNo de pièceFiches techniqueDescription
logo
Transko Electronics, In...
TA07005AD1 TRANSKO-TA07005AD1 Datasheet
528Kb / 4P
   70.0 MHz IF SAW Filter / 5.40 MHz Bandwidth
Revision 0: 20 Aug. 2008
TA07005BD TRANSKO-TA07005BD Datasheet
521Kb / 4P
   70.0 MHz IF SAW Filter / 5.28 MHz Bandwidth
Revision 0: 10 Oct. 2008
TA07007AD1 TRANSKO-TA07007AD1 Datasheet
664Kb / 4P
   70.0 MHz IF SAW Filter / 7.28 MHz Bandwidth
Revision 0: 7 Apr. 2008
TA07007BD1 TRANSKO-TA07007BD1 Datasheet
566Kb / 4P
   70.0 MHz IF SAW Filter / 7.62 MHz Bandwidth
Revision 0: 16. Oct. 2008
TA07009AD TRANSKO-TA07009AD Datasheet
648Kb / 4P
   70.00 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 26 Mar. 2012
More results


Description similaire - TA0700D

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0700C TAI-SAW-TA0700C Datasheet
388Kb / 7P
   SAW Filter 2250 MHz
TA0700B TAI-SAW-TA0700B Datasheet
398Kb / 7P
   SAW Filter 2250 MHz
TA0700A TAI-SAW-TA0700A Datasheet
271Kb / 7P
   SAW Filter 2250 MHz SMD 3.0X3.0 mm
logo
Mini-Circuits
VLF-2250 MINI-VLF-2250 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 2250 MHz
HFCN-1810 MINI-HFCN-1810 Datasheet
117Kb / 1P
   Ceramic High Pass Filter 2250 to 4750 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
310-027014-001 APITECH-310-027014-001 Datasheet
52Kb / 1P
   Local Oscillator Doubler 2250-4500 MHz
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com