Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2896283 Fiches technique (PDF) - PHOENIX CONTACT

2896283 Datasheet PDF - PHOENIX CONTACT
No de pièce 2896283
Télécharger  2896283 Télécharger

Taille du fichier   84.63 Kbytes
Page   3 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail connector, nominal current: 3 A, number of positions: 16, pitch: 2.54 mm, color: jet black

2896283 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
2896283 Datasheet PDF - PHOENIX CONTACT

No de pièce 2896283
Télécharger  2896283 Click to download

Taille du fichier   84.63 Kbytes
Page   3 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail connector, nominal current: 3 A, number of positions: 16, pitch: 2.54 mm, color: jet black

2896283 Fiches technique (HTML) - PHOENIX CONTACT

2896283 Datasheet HTML 1Page - PHOENIX CONTACT 2896283 Datasheet HTML 2Page - PHOENIX CONTACT 2896283 Datasheet HTML 3Page - PHOENIX CONTACT



Numéro de pièce similaire - 2896283

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2896270 PHOENIX-2896270 Datasheet
137Kb / 10P
   Mounting base housing - BC 107,6 UT HBUS BK
09/12/2020
More results


Description similaire - 2896283

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2713645 PHOENIX-2713645 Datasheet
67Kb / 3P
   DIN rail connector, nominal current: 8 A, number of positions: 5, pitch: 3.81 mm, color: light gray
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
   DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
   Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
0201469 PHOENIX-0201469 Datasheet
42Kb / 2P
   Fixed bridge, Number of positions: 3, Color: silver
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
   , rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
   Connector housing, Number of positions: 1, Color: gray
3070322 PHOENIX-3070322 Datasheet
53Kb / 2P
   Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 3, color: orange
2890179 PHOENIX-2890179 Datasheet
47Kb / 3P
   Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com