Fabricant | No de pièce | Fiches technique | Description |
PHOENIX CONTACT |
2708067
|
257Kb / 6P |
Data rates of up to 800 kbps, set via DIP switches
|
PSI-REP-DNET-CAN
|
326Kb / 7P |
Automatic data rate detection or fixed data rate setting via DIP switches
|
Level One |
SK70704
|
3Mb / 40P |
1168 kbps HDSL Data Pump Chip Set
|
PHOENIX CONTACT |
2811569
|
134Kb / 9P |
Over 1600 signal conversions can be set via DIP switches on the front
|
2814715
|
94Kb / 5P |
Device can be set via DIP switches or MCR/PI-CONF-WIN configuration software
|
List of Unclassifed Man... |
WT12-A-AI
|
358Kb / 3P |
Enhanced Data Rates (EDR) with data throughput up to 2-3Mbps
|
PHOENIX CONTACT |
2810625
|
104Kb / 5P |
Input/output can be configured via DIP switches
|
Rochester Electronics |
EP610
|
665Kb / 9P |
High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
|
Texas Instruments |
DS100KR800
|
6Mb / 52P |
[Old version datasheet] 8-Channel Repeater for Data-Rates Up to 10.3 Gbps
|
Maxim Integrated Produc... |
MAX12931BSEVKIT
|
4Mb / 20P |
Broad Range of Data Transfer Rates (from DC to 150Mbps)
Rev 0; 6/16 |