Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1212507 Fiches technique (PDF) - PHOENIX CONTACT

1212507 Datasheet PDF - PHOENIX CONTACT
No de pièce 1212507
Télécharger  1212507 Télécharger

Taille du fichier   47.48 Kbytes
Page   2 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Stripping tool, for 2.5 - 6 mm짼 solar cables, 8.5 mm stripping length, for MC3, MC4 and SOLARLOK contacts

1212507 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
1212507 Datasheet PDF - PHOENIX CONTACT

No de pièce 1212507
Télécharger  1212507 Click to download

Taille du fichier   47.48 Kbytes
Page   2 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Stripping tool, for 2.5 - 6 mm짼 solar cables, 8.5 mm stripping length, for MC3, MC4 and SOLARLOK contacts

1212507 Fiches technique (HTML) - PHOENIX CONTACT

1212507 Datasheet HTML 1Page - PHOENIX CONTACT 1212507 Datasheet HTML 2Page - PHOENIX CONTACT



Numéro de pièce similaire - 1212507

FabricantNo de pièceFiches techniqueDescription
logo
Adels-Contact
121250 ADELS-121250 Datasheet
156Kb / 2P
   230/10 HT
logo
PHOENIX CONTACT
1212500 PHOENIX-1212500 Datasheet
48Kb / 2P
   Tool bag, unequipped - TOOL-BAG EMPTY
1212501 PHOENIX-1212501 Datasheet
44Kb / 2P
   Tool bag - TOOL-WRAP EMPTY
1212502 PHOENIX-1212502 Datasheet
48Kb / 2P
   Tool bag, unequipped - TOOL-BELTPOUCH EMPTY
1212503 PHOENIX-1212503 Datasheet
77Kb / 6P
   Tool bag - TOOL-CARRIER
More results


Description similaire - 1212507

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1212511 PHOENIX-1212511 Datasheet
47Kb / 2P
   Stripping tool, for standard 2.5, 4, and 6 mm짼 solar cables, with 15 mm length stop, for SUNCLIX field connectors
1657407 PHOENIX-1657407 Datasheet
48Kb / 2P
   Stripping tool, for the multi-level stripping of shielded cables
WIREFOX-2 PHOENIX-WIREFOX-2 Datasheet
55Kb / 3P
   Stripping tool, for conductors and cables of 0.08 to 2.5 mm diameter
QUICK-WIREFOX-6 PHOENIX-QUICK-WIREFOX-6 Datasheet
54Kb / 3P
   Stripping tool for cables with PVC insulation, stripping range: 0.08 to 6 mm짼, wire cutting up to 6 mm짼 flexible or 4 mm짼 rigid
WIREFOX-D-28 PHOENIX-WIREFOX-D-28 Datasheet
51Kb / 3P
   Stripping tool, for stripping lines of 횠 8 - 28 mm
CRIMPFOX-M-SR-6-2 PHOENIX-CRIMPFOX-M-SR-6-2 Datasheet
47Kb / 2P
   Die, for MC4 solar connectors, lateral entry, 2.5 - 6 mm짼
CRIMPFOX-M-SR-6-1 PHOENIX-CRIMPFOX-M-SR-6-1 Datasheet
46Kb / 2P
   Die, for MC3 solar connectors, lateral entry, 2.5 - 6 mm짼
WIREFOX-16-1 PHOENIX-WIREFOX-16-1 Datasheet
50Kb / 2P
   Stripping pliers, for cables and conductors with a cross section of 6 ??16 mm짼, self-adjusting, any stripping length, also suitable for sensor/actuator cables
QUICK-WIREFOX-16 PHOENIX-QUICK-WIREFOX-16 Datasheet
82Kb / 3P
   Stripping tool, for conductors and cables of 6.0 to 16.0 mm diameter
CRIMPFOX-M-SR-6-3 PHOENIX-CRIMPFOX-M-SR-6-3 Datasheet
47Kb / 2P
   Die, for SOLARLOK solar connectors, lateral entry, 2.5 - 6 mm짼
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com