Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SF-BIT-HEX-8-50 Fiches technique (PDF) - PHOENIX CONTACT

SF-BIT-HEX-8-50 Datasheet PDF - PHOENIX CONTACT
No de pièce SF-BIT-HEX-8-50
Télécharger  SF-BIT-HEX-8-50 Télécharger

Taille du fichier   50.86 Kbytes
Page   2 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173

SF-BIT-HEX-8-50 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SF-BIT-HEX-8-50 Datasheet PDF - PHOENIX CONTACT

No de pièce SF-BIT-HEX-8-50
Télécharger  SF-BIT-HEX-8-50 Click to download

Taille du fichier   50.86 Kbytes
Page   2 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173

SF-BIT-HEX-8-50 Fiches technique (HTML) - PHOENIX CONTACT

SF-BIT-HEX-8-50 Datasheet HTML 1Page - PHOENIX CONTACT SF-BIT-HEX-8-50 Datasheet HTML 2Page - PHOENIX CONTACT



Numéro de pièce similaire - SF-BIT-HEX-8-50

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
SF-BIT-HEX-2-50 PHOENIX-SF-BIT-HEX-2-50 Datasheet
47Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 2 x 50 mm, hardened, suitable for holder according to DIN 3126- F6.3/ISO 1173
SF-BIT-HEX-3-50 PHOENIX-SF-BIT-HEX-3-50 Datasheet
44Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 3 x 50 mm, hardened, suitable for holder according to DIN 3126- F6.3/ISO 1173
SF-BIT-HEX-4-50 PHOENIX-SF-BIT-HEX-4-50 Datasheet
44Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 4 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173
SF-BIT-HEX-5-50 PHOENIX-SF-BIT-HEX-5-50 Datasheet
44Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 5 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173
SF-BIT-HEX-6-50 PHOENIX-SF-BIT-HEX-6-50 Datasheet
50Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 6 x 50 mm, hardened, suitable for holder according to DIN
More results


Description similaire - SF-BIT-HEX-8-50

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
SF-BIT-HEX-5-50 PHOENIX-SF-BIT-HEX-5-50 Datasheet
44Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 5 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173
SF-BIT-HEX-3-50 PHOENIX-SF-BIT-HEX-3-50 Datasheet
44Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 3 x 50 mm, hardened, suitable for holder according to DIN 3126- F6.3/ISO 1173
SF-BIT-HEX-4-50 PHOENIX-SF-BIT-HEX-4-50 Datasheet
44Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 4 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173
SF-BIT-HEX-2-50 PHOENIX-SF-BIT-HEX-2-50 Datasheet
47Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 2 x 50 mm, hardened, suitable for holder according to DIN 3126- F6.3/ISO 1173
SF-BIT-HEXB-5-89 PHOENIX-SF-BIT-HEXB-5-89 Datasheet
49Kb / 2P
   Screw bit, hexagonal with ball head, E6.3-1/4" drive, size: Hex 5 x 89 mm, hardened, suitable for holder according to DIN 3126-F 6.3/ISO 1173
BHN-10 PHOENIX-BHN-10 Datasheet
41Kb / 2P
   Socket wrench insert, magnetic, hexagonal, 10 mm wrench size, 1/4" drive, suitable for holders according to DIN 3126-F 6,3/ISO 1173
SF-BIT-HEX-6-50 PHOENIX-SF-BIT-HEX-6-50 Datasheet
50Kb / 2P
   Screw bit, hexagon, E6.3-1/4" drive, size: Hex 6 x 50 mm, hardened, suitable for holder according to DIN
SF-M-BH PHOENIX-SF-M-BH Datasheet
43Kb / 2P
   Bit screwdriver, with 1/4" quick-action chuck, handle length 119 mm, 2-component handle, with non-slip grip, suitable for bits according to DIN 3126-C 6.3 and E 6.3/ISO 1173, magnetic
PLC-OSP-110DC PHOENIX-PLC-OSP-110DC Datasheet
119Kb / 9P
   Shock resistance according to DIN 50155 (requirements according to EN 61373)
PSR-MS55-1NO-1DO-24DC-SC PHOENIX-PSR-MS55-1NO-1DO-24DC-SC Datasheet
83Kb / 6P
   Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com