Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE7051 Fiches technique (PDF) - NTE Electronics

NTE7051 Datasheet PDF - NTE Electronics
No de pièce NTE7051
Télécharger  NTE7051 Télécharger

Taille du fichier   20.48 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 1W BTL Mono Audio Amplifier

NTE7051 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NTE7051 Datasheet PDF - NTE Electronics

No de pièce NTE7051
Télécharger  NTE7051 Click to download

Taille du fichier   20.48 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 1W BTL Mono Audio Amplifier

NTE7051 Fiches technique (HTML) - NTE Electronics

NTE7051 Datasheet HTML 1Page - NTE Electronics NTE7051 Datasheet HTML 2Page - NTE Electronics

NTE7051 Détails du produit

Description:

The NTE7051 is a mono output amplifier in a 8–Lead DIP style plastic package designed for use in battery–fed portable audio applications, such as tape recorders and radios. This device uses the Bridge–Tied–Load principle (BTL) which can deliver an output power of 1.2W (THD = 10%) into an 8Ω load with a power supply of 6V. The load can be short–circuited at each signal excursion.



Features:

• No External Components

• No Switch–On or Switch–Off Clicks

• Good Overall Stability

• Low Power Consumption

• No External Heatsink Required

• Short–Circuit Proof



 




Numéro de pièce similaire - NTE7051

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
   Integrated Circuit Mono BTL Audio Amplifier, 3W
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
NTE7054 NTE-NTE7054 Datasheet
38Kb / 5P
   Integrated Circuit Single Chip TV Processor
NTE7055 NTE-NTE7055 Datasheet
76Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 2W
More results


Description similaire - NTE7051

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
   Integrated Circuit Mono BTL Audio Amplifier, 3W
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NTE Electronics
NTE1851 NTE-NTE1851 Datasheet
32Kb / 4P
   Integrated Circuit Audio Amplifier, 24W BTL
NTE1075A NTE-NTE1075A Datasheet
76Kb / 1P
   Integrated Circuit Audio Power Amplifier, 1W
NTE1224 NTE-NTE1224 Datasheet
76Kb / 1P
   Integrated Circuit Audio Power Amplifier, 1W
NTE812 NTE-NTE812 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1W
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
NTE Electronics
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
   Integrated Circuit BTL Audio Power Amplifier, 12W
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
NTE Electronics
NTE7059 NTE-NTE7059 Datasheet
74Kb / 3P
   Integrated Circuit Dual BTL 14W Audio Power Amplifier
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com