Fabricant | No de pièce | Fiches technique | Description |
PHOENIX CONTACT |
ST-OV3-24DC
|
90Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 24 V DC, output: short-circuit-proof, 10 - 30 V DC/max. 2 A, can be plugged into basic terminal blocks
|
EMG12-OV-220DC
|
70Kb / 4P |
Power solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 24 -280 V AC/max. 1 A
|
SIM-EI-5DC
|
83Kb / 5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 5 V DC, output: TTL logic level, max. 100 mA
|
SIM-EI-12DC
|
77Kb / 5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 12 V DC, output: 8 - 48 V DC/100 mA
|
SIM-EI-110DC
|
77Kb / 5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 110 V DC, output: 8 - 48 V DC/100 mA
|
SIM-EI-60DC
|
77Kb / 5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 48 - 60 V DC, output: 8 - 48 V DC/100 mA
|
EMG12-OV-230AC
|
75Kb / 4P |
Power solid-state relay, with LED and protective circuit in input and output circuits, input: 230 V AC, output: 24 - 280 V AC/max. 1 A
|
SIM-EI-120AC
|
81Kb / 5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 120 V AC, output: 8 - 48 V DC/100 mA
|
SIM-EI-230AC
|
66Kb / 4P |
Input solid-state relay, with protective circuit in input and output circuits, input: 230 V AC, output: 8 - 48 V DC/100 mA
|
ST-OV3-5DC
|
103Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 5 V DC, output: 15 - 220 V DC/max. 1 A, can be plugged into basic terminal blocks
|