Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GVXO-43F Fiches technique (PDF) - Golledge Electronics Ltd

GVXO-43F Datasheet PDF - Golledge Electronics Ltd
No de pièce GVXO-43F
Télécharger  GVXO-43F Télécharger

Taille du fichier   551.0 Kbytes
Page   4 Pages
Fabricant  GOLLEDGE [Golledge Electronics Ltd]
Site Internet  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3V VCXO with wide range of frequency stability and pullability options

GVXO-43F Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
GVXO-43F Datasheet PDF - Golledge Electronics Ltd

No de pièce GVXO-43F
Télécharger  GVXO-43F Click to download

Taille du fichier   551.0 Kbytes
Page   4 Pages
Fabricant  GOLLEDGE [Golledge Electronics Ltd]
Site Internet  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3V VCXO with wide range of frequency stability and pullability options

GVXO-43F Fiches technique (HTML) - Golledge Electronics Ltd

GVXO-43F Datasheet HTML 1Page - Golledge Electronics Ltd GVXO-43F Datasheet HTML 2Page - Golledge Electronics Ltd GVXO-43F Datasheet HTML 3Page - Golledge Electronics Ltd GVXO-43F Datasheet HTML 4Page - Golledge Electronics Ltd

GVXO-43F Détails du produit

Features
➠ 3.3V supply
➠ Low cost for volume applications
➠ Choice of pullability & stability
➠ Express deliveries for non-standard items
➠ Industrial temperature range option




Numéro de pièce similaire - GVXO-43F

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
GVXO-43F GOLLEDGE-GVXO-43F Datasheet
64Kb / 1P
   3.3V VCXO
GVXO-43F GOLLEDGE-GVXO-43F Datasheet
131Kb / 1P
   3.3V VCXO
GVXO-43F/SC GOLLEDGE-GVXO-43F/SC Datasheet
131Kb / 1P
   3.3V VCXO
More results


Description similaire - GVXO-43F

FabricantNo de pièceFiches techniqueDescription
logo
Laird Tech Smart Techno...
PAV90209H LSTD-PAV90209H Datasheet
1Mb / 2P
   Wide range of connector options
logo
AEL Crystals Ltd
H2516.384000AE50GX AEL-H2516.384000AE50GX Datasheet
399Kb / 3P
   VCXO Wide Frequency Range 3.0V and 5.0V Devices
logo
Golledge Electronics Lt...
GTXO-570A GOLLEDGE-GTXO-570A Datasheet
569Kb / 5P
   SM VCTCXO with 짹2.5ppm Stability and 짹20ppm Pullability
GTXO-570B GOLLEDGE-GTXO-570B Datasheet
569Kb / 5P
   SM VCTCXO with 짹5.0ppm Stability and 짹40ppm Pullability
GTXO-576A GOLLEDGE-GTXO-576A Datasheet
551Kb / 4P
   5V SM VCTCXO with 짹2.5ppm Stability and 짹10ppm Pullability
GTXO-570C GOLLEDGE-GTXO-570C Datasheet
569Kb / 5P
   5V SM VCTCXO with 짹10.0ppm Stability and 짹60ppm Pullability
GTXO-576B GOLLEDGE-GTXO-576B Datasheet
551Kb / 4P
   5V SM VCTCXO with 짹5.0ppm Stability and 짹30ppm Pullability
GTXO-576C GOLLEDGE-GTXO-576C Datasheet
551Kb / 4P
   5V SM VCTCXO with 짹10.0ppm Stability and 짹60ppm Pullability
logo
Silicon Laboratories
AN266 SILABS-AN266 Datasheet
1Mb / 8P
   VCXO TUNING SLOPE, STABILITY, AND ABSOLUTE PULL RANGE
logo
PHOENIX CONTACT
2908773 PHOENIX-2908773 Datasheet
48Kb / 2P
   Wide range of options for external conductor connection
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com