Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE65101 Fiches technique (PDF) - NTE Electronics

NTE65101 Datasheet PDF - NTE Electronics
No de pièce NTE65101
Télécharger  NTE65101 Télécharger

Taille du fichier   30.81 Kbytes
Page   4 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 256 x 4-Bit Static Random Access Memory (SRAM)

NTE65101 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NTE65101 Datasheet PDF - NTE Electronics

No de pièce NTE65101
Télécharger  NTE65101 Click to download

Taille du fichier   30.81 Kbytes
Page   4 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 256 x 4-Bit Static Random Access Memory (SRAM)

NTE65101 Fiches technique (HTML) - NTE Electronics

NTE65101 Datasheet HTML 1Page - NTE Electronics NTE65101 Datasheet HTML 2Page - NTE Electronics NTE65101 Datasheet HTML 3Page - NTE Electronics NTE65101 Datasheet HTML 4Page - NTE Electronics

NTE65101 Détails du produit

Description:
The NTE65101 is a CMOS 1024–bit device organized in 256 words by 4 bits in a 22–Lead DIP type package. This device offers ultra low power and fully static operation with a single 5V supply. Separate data inputs and data outputs permit maximum flexibility in bus–oriented systems. Data retention at a power supply as low as 2V over temperature readily allows design into applications using battery backup for nonvolatility. The NTE65101 is fully static and does not require clocking in standby mode.

Features:
● Organized as 256 Bytes of 4–Bits
● Static Operation
● Low Standby Power
● Three–State Output
● Single 5V Power Supply
● Data Retention to 2V
● TTL Compatible
● Maximum Access Time: 450ns




Numéro de pièce similaire - NTE65101

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE65 NTE-NTE65 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, Low Noise for CATV, MATV
NTE6507 NTE-NTE6507 Datasheet
35Kb / 4P
   Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
NTE6508 NTE-NTE6508 Datasheet
37Kb / 4P
   Integrated Circuit CMOS, 1K Static RAM (SRAM)
More results


Description similaire - NTE65101

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE6810 NTE-NTE6810 Datasheet
42Kb / 4P
   Integrated Circuit 128 x 8-Bit Static Random Access Memory (SRAM)
logo
National Semiconductor ...
93479 NSC-93479 Datasheet
153Kb / 7P
   256 x 9-Bit Static Random Access Memory
logo
Motorola, Inc
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com