Fabricant | No de pièce | Fiches technique | Description |
PHOENIX CONTACT |
REL-IR2-LDP-12DC
|
103Kb / 5P |
Plug-in industrial relay with power contacts, 2 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, input voltage 12 V DC
|
REL-IR2-LDP-48DC
|
103Kb / 5P |
Plug-in industrial relay with power contacts, 2 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, input voltage: 48 V DC
|
REL-IR2-LDP-60DC
|
103Kb / 5P |
Plug-in industrial relay with power contacts, 2 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, input voltage: 60 V DC
|
REL-IR2-LDP-125DC
|
99Kb / 4P |
Plug-in industrial relay with power contacts, 2 PDTs, test button, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, input voltage: 125 V DC
|
REL-IR2-LDP-220DC
|
99Kb / 4P |
Plug-in industrial relay with power contacts, 2 PDTs, test button, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, input voltage: 220 V DC
|
REL-IR4-LDP-110DC
|
104Kb / 5P |
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, coil voltage: 110 V DC
|
REL-IR4-LDP-24DC
|
105Kb / 5P |
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, coil voltage: 24 V DC
|
REL-IR4-LDP-125DC
|
101Kb / 5P |
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, coil voltage: 125 V DC
|
REL-IR4-LDP-220DC
|
102Kb / 5P |
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, coil voltage: 220 V DC
|
REL-IR4-LDP-12DC
|
104Kb / 5P |
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1, A2-, coil voltage: 12 V DC
|
|