Fabricant | No de pièce | Fiches technique | Description |
PHOENIX CONTACT |
ST-REL4-SG24
|
87Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL7-SG24
|
113Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 4 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-SG60
|
77Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-SG110
|
77Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-SG48
|
75Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 48 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-SG220
|
78Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-SW24
|
75Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
|
ST-REL7-SG220
|
73Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 4 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL4-SG110
|
87Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL4-SG60
|
87Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
|