Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GXO-U113S Fiches technique (PDF) - Golledge Electronics Ltd

GXO-U113S Datasheet PDF - Golledge Electronics Ltd
No de pièce GXO-U113S
Télécharger  GXO-U113S Télécharger

Taille du fichier   562.53 Kbytes
Page   4 Pages
Fabricant  GOLLEDGE [Golledge Electronics Ltd]
Site Internet  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5.0V Low Current Consumption 4-Pad Oscillator

GXO-U113S Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
GXO-U113S Datasheet PDF - Golledge Electronics Ltd

No de pièce GXO-U113S
Télécharger  GXO-U113S Click to download

Taille du fichier   562.53 Kbytes
Page   4 Pages
Fabricant  GOLLEDGE [Golledge Electronics Ltd]
Site Internet  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5.0V Low Current Consumption 4-Pad Oscillator

GXO-U113S Fiches technique (HTML) - Golledge Electronics Ltd

GXO-U113S Datasheet HTML 1Page - Golledge Electronics Ltd GXO-U113S Datasheet HTML 2Page - Golledge Electronics Ltd GXO-U113S Datasheet HTML 3Page - Golledge Electronics Ltd GXO-U113S Datasheet HTML 4Page - Golledge Electronics Ltd



Numéro de pièce similaire - GXO-U113S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GXO-U113S ETC-GXO-U113S Datasheet
56Kb / 1P
   3.3V & 5V SM OSCILLATOR
logo
Golledge Electronics Lt...
GXO-U113S GOLLEDGE-GXO-U113S Datasheet
132Kb / 1P
   3.3V & 5V CMOS Oscillator
More results


Description similaire - GXO-U113S

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
GXO-U113H GOLLEDGE-GXO-U113H Datasheet
561Kb / 4P
   5.0V High Drive 4-Pad Oscillator
GXO-5301G GOLLEDGE-GXO-5301G Datasheet
597Kb / 5P
   Miniature 1.8V Low Current Consumption Oscillator
logo
Nippon Precision Circui...
CF5012 NPC-CF5012 Datasheet
83Kb / 7P
   Low-current Consumption Crystal Oscillator Module ICs
logo
Golledge Electronics Lt...
GXO-5301L GOLLEDGE-GXO-5301L Datasheet
598Kb / 5P
   Miniature 2.5V-3.3V Low Current Consumption Oscillator
GXO-3201G GOLLEDGE-GXO-3201G Datasheet
595Kb / 6P
   1.8V SM Oscillator with Low Current Consumption
logo
Suntsu Electronics, Inc...
SLO32L SUNTSU-SLO32L Datasheet
506Kb / 3P
   Ceramic SMD Low Current 6 Pad LVDS Oscillator
SLO53P SUNTSU-SLO53P Datasheet
494Kb / 3P
   Ceramic SMD Low Current 6 Pad LVPECL Oscillator
SLO53L SUNTSU-SLO53L Datasheet
533Kb / 3P
   Ceramic SMD Low Current 6 Pad LVDS Oscillator
SLO75L SUNTSU-SLO75L Datasheet
464Kb / 3P
   Ceramic SMD Low Current 6 Pad LVDS Oscillator
SLO75P SUNTSU-SLO75P Datasheet
471Kb / 3P
   Ceramic SMD Low Current 6 Pad LVPECL Oscillator
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com