Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IDT72V36106 Fiches technique (PDF) - Integrated Device Technology

IDT72V36106 Datasheet PDF - Integrated Device Technology
No de pièce IDT72V36106
Télécharger  IDT72V36106 Télécharger

Taille du fichier   395.33 Kbytes
Page   39 Pages
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING

IDT72V36106 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
IDT72V36106 Datasheet PDF - Integrated Device Technology

No de pièce IDT72V36106
Télécharger  IDT72V36106 Click to download

Taille du fichier   395.33 Kbytes
Page   39 Pages
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING

IDT72V36106 Fiches technique (HTML) - Integrated Device Technology

Back Button IDT72V36106 Datasheet HTML 1Page - Integrated Device Technology IDT72V36106 Datasheet HTML 2Page - Integrated Device Technology IDT72V36106 Datasheet HTML 3Page - Integrated Device Technology IDT72V36106 Datasheet HTML 4Page - Integrated Device Technology IDT72V36106 Datasheet HTML 5Page - Integrated Device Technology IDT72V36106 Datasheet HTML 6Page - Integrated Device Technology IDT72V36106 Datasheet HTML 7Page - Integrated Device Technology IDT72V36106 Datasheet HTML 8Page - Integrated Device Technology IDT72V36106 Datasheet HTML 9Page - Integrated Device Technology IDT72V36106 Datasheet HTML 10Page - Integrated Device Technology Next Button 

IDT72V36106 Détails du produit

DESCRIPTION
The IDT72V3686/72V3696/72V36106 are designed to run off a 3.3V supply for exceptionally low-power consumption. These devices are a monolithic, high-speed, low-power, CMOS Triple Bus synchronous (clocked) FIFO memory which supports clock frequencies up to 100 MHz and has read access times as fast as 6.5ns. Two independent 16,384/32,768/65,536 x 36 dual-port SRAM FIFOs on board each chip buffer data between a bidirectional 36-bit bus (Port A) and two unidirectional 18-bit buses (Port B transmits data, Port C receives data.) FIFO data can be read out of Port B and written into Port C using either 18-bit or 9-bit formats with a choice of Big- or Little-Endian configurations.

FEATURES
• Memory storage capacity:
   IDT72V3686 – 16,384 x 36 x 2
   IDT72V3696 – 32,768 x 36 x 2
   IDT72V36106 – 65,536 x 36 x 2
• Clock frequencies up to 100 MHz (6.5ns access time)
• Two independent FIFOs buffer data between one bidirectional 36-bit port and two unidirectional 18-bit ports (Port C receives and Port B transmits)
• 18-bit (word) and 9-bit (byte) bus sizing of 18 bits (word) on Ports B and C
• Select IDT Standard timing (using EFA , EFB , FFA , and FFC flag functions) or First Word Fall Through Timing (using ORA, ORB, IRA, and IRC flag functions)
• Programmable Almost-Empty and Almost-Full flags; each has five default offsets (8, 16, 64, 256 and 1024)
• Serial or parallel programming of partial flags
• Big- or Little-Endian format for word and byte bus sizes
• Loopback mode on Port A
• Retransmit Capability
• Master Reset clears data and configures FIFO, Partial Reset clears data but retains configuration settings
• Mailbox bypass registers for each FIFO
• Free-running CLKA, CLKB and CLKC may be asynchronous or coincident (simultaneous reading and writing of data on a single clock edge is permitted)
• Auto power down minimizes power dissipation
• Available in a space-saving 128-pin Thin Quad Flatpack (TQFP)
• Pin compatible to the lower density parts, IDT72V3626/72V3636/ 72V3646/72V3656/72V3666/72V3676
• Industrial temperature range (–40°C to +85°C) is available




Numéro de pièce similaire - IDT72V36106

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT72V36100 IDT-IDT72V36100 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V36100L10BB IDT-IDT72V36100L10BB Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100L10BBI IDT-IDT72V36100L10BBI Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
More results


Description similaire - IDT72V36106

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
   CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results




À propos de Integrated Device Technology


Integrated Device Technology (IDT) est une entreprise américaine spécialisée dans la conception et la fabrication de solutions de semi-conducteurs de signaux mixtes.
La société a été fondée en 1980 et a son siège à San Jose, en Californie.
IDT fournit une large gamme de produits, notamment des solutions d'horloge et de synchronisation, une interface de mémoire et des produits logiques numériques.
Les produits de l'entreprise sont utilisés dans diverses applications telles que l'informatique, les télécommunications et l'automatisation industrielle.
IDT est connu pour son expertise dans la technologie des semi-conducteurs de signaux mixtes et sa capacité à fournir des produits de haute qualité et fiables à ses clients.
La société possède des opérations et des installations dans divers pays à travers le monde et travaille en étroite collaboration avec ses clients pour fournir des solutions de semi-conducteurs personnalisées qui répondent à leurs exigences et besoins spécifiques.
En plus de son entreprise principale, IDT fournit également des solutions pour les marchés de l'automobile, du centre de données et de l'Internet des objets (IoT).

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com