Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM51 Fiches technique (PDF) - Fairchild Semiconductor

FM51 Datasheet PDF - Fairchild Semiconductor
No de pièce FM51
Télécharger  FM51 Télécharger

Taille du fichier   57.91 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage High Drive Temperature Sensor

FM51 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FM51 Datasheet PDF - Fairchild Semiconductor

No de pièce FM51
Télécharger  FM51 Click to download

Taille du fichier   57.91 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage High Drive Temperature Sensor

FM51 Fiches technique (HTML) - Fairchild Semiconductor

FM51 Datasheet HTML 1Page - Fairchild Semiconductor FM51 Datasheet HTML 2Page - Fairchild Semiconductor FM51 Datasheet HTML 3Page - Fairchild Semiconductor FM51 Datasheet HTML 4Page - Fairchild Semiconductor FM51 Datasheet HTML 5Page - Fairchild Semiconductor FM51 Datasheet HTML 6Page - Fairchild Semiconductor

FM51 Détails du produit

General Description
The FM51 is a high-precision CMOS temperature sensor that provides a cost-effective solution for applications requiring highaccuracy temperature monitoring. The FM51 is ideally suited for applications requiring high drive current. The FM51 output voltage ramp is extremely linear and has a slope of 10mV/°C. It is typically accurate to ±1°C over a temperature range of -40°C to 125°C and has a typical room temperature accuracy of ±0.5°C. The output voltage characteristic for the FM51 is illustrated in Figure 1.

Features
■ Precision Calibrated to ±1°C (Typical)
■ Temperature Range: -40°C to 125°C
■ Extremely Linear Output Ramp (10mV/°C)
■ Low Output Impedance for 1mA Load
■ Output Ramp is Calibrated in Degrees Celsius
■ Low Operating Current <130µA (no load)
■ Low Self Heating (0.2°C Max in Still Air)
■ Operating Voltage Range: +2.7V to +6.0V
■ Uses a Single Positive Supply
■ Non-linearity ≤ 0.8°C

Applications
■ Computers
■ Battery Management
■ FAX Machines/Printers/Copiers
■ Portable Medical Instruments
■ HVAC
■ Power Supply Modules
■ Disk Drives
■ Automotive Control Circuits




Numéro de pièce similaire - FM51

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FM5100 FORMOSA-FM5100 Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM5100 RECTRON-FM5100 Datasheet
404Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM5100 RECTRON-FM5100 Datasheet
326Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
FM5100 FRONTIER-FM5100 Datasheet
636Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
Formosa MS
FM5100-B FORMOSA-FM5100-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Description similaire - FM51

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
   Low-Power Voltage Output Temperature Sensor
2005
logo
List of Unclassifed Man...
ATS50 ETC2-ATS50 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
   LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
   High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com