Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MX1A-1XXX Fiches technique (PDF) - Cherry Semiconductor Corporation

MX1A-1XXX Datasheet PDF - Cherry Semiconductor Corporation
No de pièce MX1A-1XXX
Télécharger  MX1A-1XXX Télécharger

Taille du fichier   240.6 Kbytes
Page   2 Pages
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Black switch: Without pressure point, linear actuation - easy

MX1A-1XXX Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MX1A-1XXX Datasheet PDF - Cherry Semiconductor Corporation

No de pièce MX1A-1XXX
Télécharger  MX1A-1XXX Click to download

Taille du fichier   240.6 Kbytes
Page   2 Pages
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Black switch: Without pressure point, linear actuation - easy

MX1A-1XXX Fiches technique (HTML) - Cherry Semiconductor Corporation

MX1A-1XXX Datasheet HTML 1Page - Cherry Semiconductor Corporation MX1A-1XXX Datasheet HTML 2Page - Cherry Semiconductor Corporation

MX1A-1XXX Détails du produit

The Original: Key module with CHERRY Gold Crosspoint technology

Black switch: Without pressure point, linear actuation - easy switching function with a defined force of approx. 60 cN without contact feedback
Original CHERRY MX is the worlds leading precision technology for mechanical key modules. The CHERRY Gold Crosspoint contact concept and the unprecedented production quality "made in Germany" are unique. MX inside ensures unrivalled quality, precision and reliability.

Key Benefits
• Black switch: Without pressure point, linear actuation –
   easy switching function with a defined force of approx. 60
   cN without contact feedback
• Mechanical high-precision key module
• In use worldwide for Original CHERRY keyboards and in
   keyboards of demanding input device manufacturers
• Safe and long-lasting reliability of switching performance
   and characteristics
• Short bounce time for high switching frequency (such as
   for fast typing)
• Self-cleaning contacts, resistant to dust and dirt
• Over 50 million keystrokes / contact switches per module
   with no loss of quality
• Proven a billion times over and continuously developed
• World exclusive CHERRY Gold Crosspoint technology
   Technical Data:
   Keymodule:
• Switch type: MX
• Protection class: IP40
• Operation characteristics: BLACK SWITCH Linear (60 cN)
• Fastening: Product dependent, see table "Models"
• Switching voltage: 12 VAC/DC max.
• Switching current: 10 mA AC/DC max.
• Dielectric strength: 500 V / 50Hz
• Durability: > 50 million actuations
• Contact configuration: Single-pole contact 1 Actuator
   travel: 4.0 -0.4 mm
• Pretravel: 2 ± 0.6 mm
• Initial force: 30 cN min.
• Actuation force: 60 ± 20 cN
• Bounce time: < 5 ms (during actuation with 0,4 m/s) 1
   Standard lead spacing: 19.05 mm (16 mm min.)
• Lighting: Product dependent, see table "Models"
• Decoupling diode: Product dependent, see table "Models"
• Wire jumper: Product dependent, see table "Models"
• Insulation materials: Thermoplastics (min. UL 94 HB)
• Spring: Stainless steel
• Contacts: High-quality gold alloy
• Storage Temperature: 5°C to 40°C
• Operating Temperature: -40°C to 70°C
• Humidity: Storage: average <50% max. 3 months / 75%
   max. 15 days, operation: 5% to 95% without condensation




Numéro de pièce similaire - MX1A-1XXX

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MX1A-11DN ETC1-MX1A-11DN Datasheet
140Kb / 4P
   Keyswitch
MX1A-11NN ETC1-MX1A-11NN Datasheet
140Kb / 4P
   Keyswitch
MX1A-11NW ETC1-MX1A-11NW Datasheet
140Kb / 4P
   Keyswitch
More results


Description similaire - MX1A-1XXX

FabricantNo de pièceFiches techniqueDescription
logo
Pepperl+Fuchs Inc.
41FY2 PF-41FY2 Datasheet
411Kb / 2P
   Magnetic Actuation
logo
Vaisala
DPT146 VAISALA-DPT146 Datasheet
326Kb / 2P
   DPT146 Dew Point and Pressure Transmitter
logo
Festo Corporation.
8000210 FESTO-8000210 Datasheet
111Kb / 1P
   Pressure switch
logo
Honeywell Accelerometer...
1LS47 HONEYWELL-ACC-1LS47 Datasheet
89Kb / 1P
   SWITCH IS ASSMBLED FOR ACTUATION IN BOTH DIRECTIONS
logo
Festo Corporation.
192488 FESTO-192488 Datasheet
103Kb / 2P
   Pressure switch
7/13/22
152616 FESTO-152616 Datasheet
91Kb / 1P
   Pressure switch
7/13/22
logo
Copal Electronics
PS8 COPAL-PS8 Datasheet
146Kb / 3P
   Pressure Switch
logo
Festo Corporation.
161760 FESTO-161760 Datasheet
93Kb / 2P
   Pressure switch
7/13/22
175252 FESTO-175252 Datasheet
91Kb / 1P
   Pressure switch
7/13/22
159259 FESTO-159259 Datasheet
97Kb / 1P
   Pressure switch
7/13/22
More results




À propos de Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com