Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T520X337M010ATE040 Fiches technique (PDF) - Kemet Corporation

T520X337M010ATE040 Datasheet PDF - Kemet Corporation
No de pièce T520X337M010ATE040
Télécharger  T520X337M010ATE040 Télécharger

Taille du fichier   80.05 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 10 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, 7343, Height Max = 4.3mm

T520X337M010ATE040 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
T520X337M010ATE040 Datasheet PDF - Kemet Corporation

No de pièce T520X337M010ATE040
Télécharger  T520X337M010ATE040 Click to download

Taille du fichier   80.05 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 10 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, 7343, Height Max = 4.3mm

T520X337M010ATE040 Fiches technique (HTML) - Kemet Corporation

T520X337M010ATE040 Datasheet HTML 1Page - Kemet Corporation

T520X337M010ATE040 Détails du produit

FEATURES
• Polymer Cathode Technology
• Low ESR
• High Frequency Cap Retention
• No-Ignition Failure Mode
• Use Up to 90% of Rated Voltage (10% Derating) for part types ≤ 10 Volts
• Halogen Free Epoxy
• 100% Accelerated Steady State Aging
• Volumetrically Efficient
• Use Up to 80% of Rated Voltage (20% Derating) for part types > 10 Volts
• Capacitance 15 to 1000μF (±20%)
• Voltage 2V to 25V
• EIA Standard Case Sizes
• 100% Surge Current Tested
• Operating Temperature -55ºC to +105ºC
• Self Healing Mechanism
• RoHS Compiant & Leadfree Terminations (see www.kemet.com for lead transition)




Numéro de pièce similaire - T520X337M010ATE040

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T520X337M010ATE010 KEMET-T520X337M010ATE010 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, Height Max = 4.3mm
logo
Texas Instruments
T520X337M010ATE010 TI-T520X337M010ATE010 Datasheet
1Mb / 29P
[Old version datasheet]   TPSM41625 4-V to 16-V Input, 25-A DC/DC Power Module with Current Sharing
T520X337M010ATE010 TI-T520X337M010ATE010 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM41615 4-V to 16-V Input, 15-A DC/DC Power Module with Current Sharing
logo
Kemet Corporation
T520X337M010ATE025 KEMET-T520X337M010ATE025 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
T520X337M010ATE035 KEMET-T520X337M010ATE035 Datasheet
79Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 10 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, 7343, Height Max = 4.3mm
More results


Description similaire - T520X337M010ATE040

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T520X337M010ATE010 KEMET-T520X337M010ATE010 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, Height Max = 4.3mm
T520X337M010ANE010 KEMET-T520X337M010ANE010 Datasheet
79Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 10 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, 7343, Height Max = 4.3mm
T520X337M010ATE035 KEMET-T520X337M010ATE035 Datasheet
79Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 10 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, 7343, Height Max = 4.3mm
T520X477M006ATE040 KEMET-T520X477M006ATE040 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, Height Max = 4.3mm
T520X477M006ATE010 KEMET-T520X477M006ATE010 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, 7343, Height Max = 4.3mm
T520X157M016ATE040 KEMET-T520X157M016ATE040 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 150 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, Height Max = 4.3mm
T520D337M006ATE010 KEMET-T520D337M006ATE010 Datasheet
77Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, Height Max = 3.1mm
T520Y337M010ANE025 KEMET-T520Y337M010ANE025 Datasheet
79Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 10 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 7343, Height Max = 4mm
T520Y337M010ATE015 KEMET-T520Y337M010ATE015 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 15 mOhms, Height Max = 4mm
T520D337M006ATE040 KEMET-T520D337M006ATE040_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, 3.1mm
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com