Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T520B227M2R5ATE070 Fiches technique (PDF) - Kemet Corporation

T520B227M2R5ATE070 Datasheet PDF - Kemet Corporation
No de pièce T520B227M2R5ATE070
Télécharger  T520B227M2R5ATE070 Télécharger

Taille du fichier   79.83 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description T520, Tantalum, Polymer Tantalum, 220 uF, 20%, 2.5 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, 3528, Height Max = 2.1mm

T520B227M2R5ATE070 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
T520B227M2R5ATE070 Datasheet PDF - Kemet Corporation

No de pièce T520B227M2R5ATE070
Télécharger  T520B227M2R5ATE070 Click to download

Taille du fichier   79.83 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description T520, Tantalum, Polymer Tantalum, 220 uF, 20%, 2.5 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, 3528, Height Max = 2.1mm

T520B227M2R5ATE070 Fiches technique (HTML) - Kemet Corporation

T520B227M2R5ATE070 Datasheet HTML 1Page - Kemet Corporation

T520B227M2R5ATE070 Détails du produit

FEATURES
• Polymer Cathode Technology
• Low ESR
• High Frequency Cap Retention
• No-Ignition Failure Mode
• Use Up to 90% of Rated Voltage (10% Derating) for part types ≤ 10 Volts
• Halogen Free Epoxy
• 100% Accelerated Steady State Aging
• Volumetrically Efficient
• Use Up to 80% of Rated Voltage (20% Derating) for part types > 10 Volts
• Capacitance 15 to 1000μF (±20%)
• Voltage 2V to 25V
• EIA Standard Case Sizes
• 100% Surge Current Tested
• Operating Temperature -55ºC to +105ºC
• Self Healing Mechanism
• RoHS Compiant & Leadfree Terminations (see www.kemet.com for lead transition)




Numéro de pièce similaire - T520B227M2R5ATE070

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T520B227M2R5ATE015 KEMET-T520B227M2R5ATE015 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 15 mOhms, Height Max = 2.1mm
T520B227M2R5ATE025 KEMET-T520B227M2R5ATE025 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms,Height Max = 2.1mm
T520B227M2R5ATE035 KEMET-T520B227M2R5ATE035 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 2.1mm
More results


Description similaire - T520B227M2R5ATE070

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T520B227M004ATE070 KEMET-T520B227M004ATE070 Datasheet
79Kb / 1P
   T520, Tantalum, Polymer Tantalum, 220 uF, 20%, 4 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, 3528,Height Max = 2.1mm
T520B227M006ATE070 KEMET-T520B227M006ATE070 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, Height Max = 2.1mm
T520B337M2R5ATE070 KEMET-T520B337M2R5ATE070 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, Height Max = 2.1mm
T520B107M2R5ATE070 KEMET-T520B107M2R5ATE070 Datasheet
79Kb / 1P
   T520, Tantalum, Polymer Tantalum, 100 uF, 20%, 2.5 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, 3528, Height Max = 2.1mm
T520B227M2R5ATE015 KEMET-T520B227M2R5ATE015 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 15 mOhms, Height Max = 2.1mm
T520B227M2R5ATE035 KEMET-T520B227M2R5ATE035 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 2.1mm
T520B227M2R5ATE025 KEMET-T520B227M2R5ATE025 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms,Height Max = 2.1mm
T520B107M010ATE070 KEMET-T520B107M010ATE070 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, Height Max = 2.1mm
T520B476M006ATE070 KEMET-T520B476M006ATE070 Datasheet
77Kb / 1P
   T520, Tantalum, Polymer Tantalum, 47 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, Height Max = 2.1mm
T520B107M004ATE070 KEMET-T520B107M004ATE070 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, 3528, Height Max = 2.1mm
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com