Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPB48072L11Z Fiches technique (PDF) - TT Electronics.

OPB48072L11Z Datasheet PDF - TT Electronics.
No de pièce OPB48072L11Z
Télécharger  OPB48072L11Z Télécharger

Taille du fichier   1108.6 Kbytes
Page   8 Pages
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical

OPB48072L11Z Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
OPB48072L11Z Datasheet PDF - TT Electronics.

No de pièce OPB48072L11Z
Télécharger  OPB48072L11Z Click to download

Taille du fichier   1108.6 Kbytes
Page   8 Pages
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical

OPB48072L11Z Fiches technique (HTML) - TT Electronics.

OPB48072L11Z Datasheet HTML 1Page - TT Electronics. OPB48072L11Z Datasheet HTML 2Page - TT Electronics. OPB48072L11Z Datasheet HTML 3Page - TT Electronics. OPB48072L11Z Datasheet HTML 4Page - TT Electronics. OPB48072L11Z Datasheet HTML 5Page - TT Electronics. OPB48072L11Z Datasheet HTML 6Page - TT Electronics. OPB48072L11Z Datasheet HTML 7Page - TT Electronics. OPB48072L11Z Datasheet HTML 8Page - TT Electronics.

OPB48072L11Z Détails du produit

Description:
The OPB460, OPB470, OPB480 and OPB490 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.180 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and choice of mounting configurations. OPB460 through OPB473 have 0.425” (10.795 mm) PCBoard leads with 0.320” (8.1 mm) spacing. OPB480 through OPB493 have 24” (609 mm) 26 AWG wires (UL approved wires).
All devices in this series exhibit performance over supply voltages ranging from 4.5 V to 16.0 V, and may be specified as buffered or inverted with 10 kW Pull-up or Open Collector output. Devices are also TTI/LSTTL compatible and can drive up to 10 TTL loads.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more information.

Features:
● Choice of pins or wires mounting configuration
● Choice of aperture
● Choice of output configuration
● Choice of opaque or IR transmissive shell material
● Data rates to 250 kBaud
● Low power consumption

Applications:
● Mechanical switch replacement
● Speed indication (tachometer)
● Mechanical limit indication
● Edge sensing




Numéro de pièce similaire - OPB48072L11Z

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OPB480 OPTEK-OPB480 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB480 OPTEK-OPB480 Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
OPB480L11 OPTEK-OPB480L11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB480N11 OPTEK-OPB480N11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB480P11 OPTEK-OPB480P11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
More results


Description similaire - OPB48072L11Z

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
   Slotted Optical Switches
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
   Slotted Optical Switches
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com