Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPB940L51Z Fiches technique (PDF) - TT Electronics.

OPB940L51Z Datasheet PDF - TT Electronics.
No de pièce OPB940L51Z
Télécharger  OPB940L51Z Télécharger

Taille du fichier   751.76 Kbytes
Page   9 Pages
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB940L51Z Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
OPB940L51Z Datasheet PDF - TT Electronics.

No de pièce OPB940L51Z
Télécharger  OPB940L51Z Click to download

Taille du fichier   751.76 Kbytes
Page   9 Pages
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB940L51Z Fiches technique (HTML) - TT Electronics.

OPB940L51Z Datasheet HTML 1Page - TT Electronics. OPB940L51Z Datasheet HTML 2Page - TT Electronics. OPB940L51Z Datasheet HTML 3Page - TT Electronics. OPB940L51Z Datasheet HTML 4Page - TT Electronics. OPB940L51Z Datasheet HTML 5Page - TT Electronics. OPB940L51Z Datasheet HTML 6Page - TT Electronics. OPB940L51Z Datasheet HTML 7Page - TT Electronics. OPB940L51Z Datasheet HTML 8Page - TT Electronics. OPB940L51Z Datasheet HTML 9Page - TT Electronics.

OPB940L51Z Détails du produit

Description:
The OPB930 and OPB940 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and either 0.350” (8.9 mm) long pins (L Series) or 24” (610 mm) AWG, UL listed wire leads (W Series).
All housings are made from an opaque grade of injection-molded plastic that minimizes the assembly’s sensitivity to both visible and near-infrared ambient radiation. Discrete shells (exposed on the parallel faces inside the device throat) are either IR transmissive plastic (for applications where aperture contamination may occur) or opaque plastic (for maximum protection against ambient light).
Electrical output can be specified as either TTL Totem Pole or TTL Open Collector, either of which can be supplied with buffer or inverter output polarity. All devices have the added stability of a built-in hysteresis amplifier.

Features:
• Choice of aperture size
• Choice of output configurations
• Choice of opaque or IR transmissive shell
• Choice of pins (L) or wires (W)
• 0.125” (3.18 mm) slot width
• 0.320” (8.128 mm) lead spacing for PCBoard (side mounting)
• Data rates to 250 kBaud

Applications:
• Mechanical switch replacement
• Speed indication (tachometer)
• Mechanical limit indication




Numéro de pièce similaire - OPB940L51Z

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OPB940L51 OPTEK-OPB940L51 Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
More results


Description similaire - OPB940L51Z

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com